PART |
Description |
Maker |
V23848-M305-C56 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
V23848-M15-C656 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
V23848-N15-C656 |
iSFP⑩ - Intelligent Small Form-factor Pluggable SONET OC-48 IR-1 / SDH STM S-16.1 Multirate Applications up to 2.67 Gbit/s
|
INFINEON[Infineon Technologies AG]
|
OC-3SM1300NM15KM |
Transceivers by Form-factor MSA - iSFP™ - OC-3 Trx for Multirate Applications up to 155 Mbit/s, LC Connector, 21/ 15 km
|
Infineon
|
IBM42F21LNNAA10 IBM42G21LNNAA10 |
1x Fibre Channel Small Form Factor PTH Transceiver(1x吉位光纤通道小外形PTH收发 1x Fibre Channel Small Form Factor PTH Transceiver(1x?????氦???灏??褰⑿TH?跺???
|
IBM Microeletronics
|
SFC-1 |
SMALL FORM CAGE
|
Adam Technologies, Inc.
|
SFP-1310-SM-GE SFP-1310-MM-25 SFP-1550-SM-25 SFP-1 |
Small Form Pluggables
|
Opticomm Corporation
|
SFC-1-LP |
SMALL FORM FACTOR CAGE
|
Adam Technologies, Inc.
|
HFBR-0559 HFBR-5903 HFBR-5903A HFBR-5903E |
Evaluation Kit for Fast Ethernet for multimode 评估板快速以太网多模 HFBR-0559 · Evaluation Kit for Fast Ethernet for multimode HFBR-5903 · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-5903A · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Temperature HFBR-5903E · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Shield FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) http://
|
DSSCENICC620 |
SCENIC C620 Green PC Small Form Factor PC
|
Fujitsu Component Limited.
|
V23818-C18-L35 V23818-C18-L36 V23818-C18-L49 V2381 |
Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LCConnector 纤巧单模1300波长多速率高达155 Mbit / s的收发器LC连接x5钢钉 Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LCConnector 纤巧单模1300波长多速率高达155 Mbit / s的收发器的LC连接x5钢钉 Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC Connector
|
Infineon Technologies AG
|